Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6220D301PR-G
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6220D301PR-G Datasheet HTML 1Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 2Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 3Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 4Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 5Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 6Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 7Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XC6220 Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type of CE
A
without CE Pull-down resistor, without CL discharge (Semi-custom)
B
without CE Pull-down resistor, with CL discharge (Standard)
C
with CE Pull-down resistor, without CL discharge (Semi-custom)
D
with CE Pull-down resistor, with CL discharge (Semi-custom)
②③
Output Voltage
08 ~ 50
e.g. 3.0V → ②=3, ③=0
④
Output Voltage
( the 2nd decimal place)
1
Output voltage {○.○0v} (the 2nd decimal place is “0”)
B
Output voltage {○.○5v} (the 2nd decimal place is “5”)
⑤⑥
-⑦
Packages
(Order Unit)
MR
SOT-25 (3,000pcs/Reel)
MR-G
SOT-25 (3,000pcs/Reel)
PR
SOT-89-5 (1,000pcs/Reel)
PR-G
SOT-89-5 (1,000pcs/Reel)
ER
USP-6C (3,000pcs/Reel)
ER-G
USP-6C (3,000pcs/Reel)
QR-G
SOP-8FD (1,000pcs/Reel)
TYPE
CE PULL-DOWN RESISTOR
CL AUTO-DISCHARGE
A
No
No
B
No
Yes
C
Yes
No
D
Yes
Yes
●
Ordering Information
CE
XC6220Aシリーズ
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
CE
XC6220Bシリーズ
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
CE/
RCE
CE
XC6220Dシリーズ
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
CE/
RCE
CE
XC6220Cシリーズ
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
■
BLOCK DIAGRAMS
●
XC6220 Series Type A (Semi-custom)
●
XC6220 Series Type B
●
XC6220 Series Type C (Semi-custom)
●
XC6220 Series Type D (Semi-custom)
XC6220 ①②③④⑤⑥-⑦(*1)
■
PRODUCT CLASSIFICATION
(*1)
The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
●
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com