Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR-G Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6220D301PR-G
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR-G Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6220D301PR-G Datasheet HTML 17Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 18Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 23Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 24Page - Torex Semiconductor XC6220D301PR-G Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
XC6220
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) CE Rise Characteristics
VIN=4.0V, Tr=5μs, IOUT=0.1mA
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 301
100μs/div
CH1:500mV/div CH2:1V/div
CE Voltage
Output Voltage
CH1
CH2
VIN=4.0V, Tr=5μs, IOUT=300mA
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 301
100μs/div
CH1:500mV/div CH2:1V/div
CE Voltage
Output Voltage
CH1
CH2
VIN=6.0V, Tr=5μs, IOUT=0.1mA
Topr=25℃, CIN=CL=10μF (ceramic)
XC6220x 501
100μs/div
CH1:500mV/div CH2:2V/div
CE Voltage
Output Voltage
CH1
CH2
VIN=6.0V, Tr=5μs, IOUT=300mA
Topr=25℃, CIN=CL=10μF (ceramic)
XC6220x 501
100μs/div
CH1:500mV/div CH2:2V/div
CE Voltage
Output Voltage
CH1
CH2
VIN=4.0V, Tr=5μs
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 301
CE Voltage
Inrush Current
Output Voltage
CH1
CH2
CH3
100μs/div
CH1:500mV/div CH2:1V/div CH3:100mA/div
VIN=2.2V, Tr=5μs
Topr=25℃, CIN=CL=22μF (ceramic)
XC6220x 121
Inrush Current
100μs/div
CH1:500mV/div CH2:1V/div CH3:100mA/div
CE Voltage
Output Voltage
CH1
CH2
CH3
(13) Inrush Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com