Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1089796 Datasheet(PDF) 2 Page - SICK AG

Part # 1089796
Description  SENSOR INTEGRATION GATEWAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1089796 Datasheet(HTML) 2 Page - SICK AG

  1089796 Datasheet HTML 1Page - SICK AG 1089796 Datasheet HTML 2Page - SICK AG 1089796 Datasheet HTML 3Page - SICK AG 1089796 Datasheet HTML 4Page - SICK AG 1089796 Datasheet HTML 5Page - SICK AG 1089796 Datasheet HTML 6Page - SICK AG 1089796 Datasheet HTML 7Page - SICK AG 1089796 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SIG200-0A0512200 | SIG200
SENSOR INTEGRATION GATEWAY
Ordering information
Type
Part no.
SIG200-0A0512200
1089796
Other models and accessories
www.sick.com/SIG200
Detailed technical data
Features
Product category
IO-Link Master
Supported products
IO-Link Devices
Binary actuators
Binary switching sensors
Further functions
Web server integrated
USB connection for easy configuration of the SIG200 Sensor Integration Gateway with SOPAS
ET, the engineering tool from SICK
Logic editor is available for easy configuration of logic functions
Items supplied
SIG200-0A0512200, 4x blind plugs (M12) on port S2, S3, S4, P2, 1x blind plug (M8) on port
CONFIG, Marking labels, quickstart
Mechanics/electronics
Connections
IO-Link 4 x M12, 5-pin female connector, A-coded
Power 1 x M12, 4-pin plug, A-coded
CONFIG 1 x M8, 4-pin female connector, USB 2.0 (USB-A)
Ethernet 2 x M12, 4-pin female connector, D-coded
Power voltage supply
Supply voltage 10 V DC ... 30 V DC 1)
Current consumption
≤ 175 mA (At supply voltage 24 V DC) 2)
≤ 3,000 mA 3)
Optical indicators
4 LED green (To the IO-Link ports, Pin4 (C/DI/DO))
1) 10 - 30 V DC without IO-Link, 18 - 30 V DC with IO-Link.
2) Without sensors, outputs switched off.
3) The sum of all outputs, including the digital outputs, must not exceed the maximum current consumption of the device. The current consumption must be limited.
4) Pin 4 configured as digital output. The maximum output current does not depend on the voltage supply at pin 1 of S1-S4.
2
INTEGRATION PRODUCTS | SICK
Product data sheet | 2023-11-29 10:20:54
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com