Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1089796 Datasheet(PDF) 3 Page - SICK AG

Part # 1089796
Description  SENSOR INTEGRATION GATEWAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1089796 Datasheet(HTML) 3 Page - SICK AG

  1089796 Datasheet HTML 1Page - SICK AG 1089796 Datasheet HTML 2Page - SICK AG 1089796 Datasheet HTML 3Page - SICK AG 1089796 Datasheet HTML 4Page - SICK AG 1089796 Datasheet HTML 5Page - SICK AG 1089796 Datasheet HTML 6Page - SICK AG 1089796 Datasheet HTML 7Page - SICK AG 1089796 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SIG200-0A0512200 | SIG200
SENSOR INTEGRATION GATEWAY
4 LED yellow (To the IO-Link ports, Pin2 (DI))
2 LED green (To the Ethernet ports)
1 LED green (For the Power Port)
1 LED dual-color (For module status communication)
1 LED green (For network status communication)
Input/output characteristics
S1-S4 pin 1 voltage supply ≤ 500 mA
S1-S4 pin 4 output current ≤ 200 mA 4)
Power Port pin 4 output voltage HIGH VH ≥ VUS - 3 V
S1-S4 pin 2 input voltage Type 3 IEC 61131-2
S1-S4 pin 4 input voltage Type 1 IEC 61131-2
Enclosure rating
IP67
Protection class
III
Housing material
Zinc
Housing color
Light blue/Black
Weight
520 g
Dimensions (L x W x H)
213.9 mm x 57 mm x 38.3 mm
UL File No.
E497722
1) 10 - 30 V DC without IO-Link, 18 - 30 V DC with IO-Link.
2) Without sensors, outputs switched off.
3) The sum of all outputs, including the digital outputs, must not exceed the maximum current consumption of the device. The current consumption must be limited.
4) Pin 4 configured as digital output. The maximum output current does not depend on the voltage supply at pin 1 of S1-S4.
Interfaces
Communication interface
IO-Link, USB, Ethernet, EtherNet/IP™, REST API
Logic editor
✔
Web server
✔
IO-Link Master
Function The SIG200 Sensor Integration Gateway is an IO-Link master with 4 configurable ports to which
IO-Link device as well as binary switching sensors and actuators can be connected. The gate-
way data is made available to a PLC or cloud application via the REST API.
SIG200 can also be operated as a standalone system by directly configuring simple logic func-
tions across several connected devices via the SOPAS ET user interface.
IO-Link version V1.1, V1.0
Port Class A
Number of IO-Link ports 4
Transmission type COM1, COM2, COM3
Operator interfaces
SOPAS ET, the engineering tool for configuration via USB, Additionally, the SIG200 can be con-
figured via the integrated webserver. Default IP adress: 192.168.0.1
MAC address
See product label
Number of inputs
Max. 8 x PNP, type 1 or 4 x IO-Link
Number of outputs
Max. 4 x PNP
Max. Output frequency
50 Hz
Inputs/outputs
S1-S4 4 configurable ports
Pin4 can be used in one of the available port modes: IO-Link, digital input or digital output.
An additional digital input signal can be connected using Pin2.
LINK/ACT 1 & 2 Two Ethernet ports are provided for the network connection
2023-11-29 10:20:54 | Product data sheet
Subject to change without notice
INTEGRATION PRODUCTS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com