Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRD2040 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRD2040
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRD2040 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRD2040 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRD2040 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier
MBRD2040
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· High Current Capability
· Low Power Losses, High Efficiency
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
IF(AV)
Average Rectified Forward Current
10×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Half Sine-wave Superimposed on Rated Load per
Diode)
120
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Maximum Instantaneous Forward
Voltage
IF= 10A
--
--
0.6
V
IR
Maximum Instantaneous Reverse
Current
VR= VRRM
--
--
0.1
mA


Similar Part No. - MBRD2040

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MBRD2040 SUNMATE-MBRD2040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
SHIKUES Electronics
MBRD2040 SKTECHNOLGY-MBRD2040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
MBRD2040CT ISC-MBRD2040CT Datasheet
256Kb / 2P
Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
MBRD2040D CHENDA-MBRD2040D Datasheet
1Mb / 4P
SCHOTTKY BARRIER GLASS PASSIVATED RECTIFIERS
MBRD2040T CHENDA-MBRD2040T Datasheet
1Mb / 4P
SCHOTTKY BARRIER GLASS PASSIVATED RECTIFIERS
More results

Similar Description - MBRD2040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com