Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3932 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD3932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3932 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD3932 Datasheet HTML 5Page - STMicroelectronics SD3932 Datasheet HTML 6Page - STMicroelectronics SD3932 Datasheet HTML 7Page - STMicroelectronics SD3932 Datasheet HTML 8Page - STMicroelectronics SD3932 Datasheet HTML 9Page - STMicroelectronics SD3932 Datasheet HTML 10Page - STMicroelectronics SD3932 Datasheet HTML 11Page - STMicroelectronics SD3932 Datasheet HTML 12Page - STMicroelectronics SD3932 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SD3932
Test circuit
9/14
5
Test circuit
Figure 11.
Test circuit
Table 7.
Bill of materials
Component
Description
C1
120 pF ATC 100B chip capacitor
C2
1-20 pf Johanson variable capacitor
C3
51 pF ATC 100B chip capacitor
C4, C5
750 pF ATC 700B chip capacitor
C6
43 pF ATC 100B chip capacitor
C7
20 pF ATC 100B chip capacitor
C8
1000 pF ATC 100C chip capacitor
C9
43 pF ATC 100B chip capacitor
C10
2200 pF ATC 100C chip capacitor
C11
1200 pF ATC 100C chip capacitor
R1, R2
1K ohm 1/4 watt chip resistor
R3, R4
1K ohm 1/2 watt axial lead resistor
L1
3 turns, 16 ga magnet wire, Id 3/8", 95 nH
FB1, FB2
Fair-Rite # 2743019447
B1
20 ga teflon coated wire thru copper tube OD 1/8"x 1.3"
T1
20 ga teflon coated wire thru 4 copper tubes OD 1/8"x 1.5"
TL1
.135" x .155" microstrip
TL2, TL3
.420" x .350" microstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com