Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3932 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SD3932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3932 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SD3932 Datasheet HTML 6Page - STMicroelectronics SD3932 Datasheet HTML 7Page - STMicroelectronics SD3932 Datasheet HTML 8Page - STMicroelectronics SD3932 Datasheet HTML 9Page - STMicroelectronics SD3932 Datasheet HTML 10Page - STMicroelectronics SD3932 Datasheet HTML 11Page - STMicroelectronics SD3932 Datasheet HTML 12Page - STMicroelectronics SD3932 Datasheet HTML 13Page - STMicroelectronics SD3932 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
SD3932
12/14
Figure 13.
Package dimensions
Table 8.
M244 (.400 x .860 4/L BAL N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.59
5.84
0.220
0.230
B5.08
0.200
C
3.02
3.28
0.119
0.129
D
9.65
9.91
0.380
0.390
E
19.81
20.82
0.780
0.820
F
10.92
11.18
0.430
0.440
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
0.004
0.006
J
1.52
1.78
0.060
0.070
K
2.59
2.84
0.102
0.112
L
4.83
5.84
0.190
0.230
M
10.03
10.34
0.395
0.407
N
21.59
22.10
0.850
0.870
1020876B
Controlling Dimension: Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com