Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3N120MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3N120MP
Description  1200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3N120MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3N120MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP3N120MP
1200V N-Channel Enhancement Mode MOSFET
AP3N120MP RVE1.0
永源微電子科技有限公司
Description
The AP3N120MP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
.
General Features
VDS = 1200V ID =3.0A
RDS(ON) < 8500mΩ @ VGS=10V (Type:7500mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3N120MP
TO-247-3L
AP3N120MP XXX YYYY
330
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
1200
V
VGS
Gate-Source Voltage
±30
V
ID@TC=25
℃
Drain Current, VGS @ 10V
3.0
A
ID@TC=100
℃
Drain Current, VGS @ 10V
1.8
A
IDM
Drain Current - Pulsed
12
A
EAS
Single Pulsed Avalanche Energy
64.8
mJ
IAR
Avalanche Current
3.6
A
EAR
Repetitive Avalanche Energy
0.26
mJ
PD
Power Dissipation
96
W
Tj ,Tstg
Operating and Storage Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction-to-Case
1.3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W


Similar Part No. - AP3N120MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3N100D APME-AP3N100D Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP3N100F APME-AP3N100F Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP3N100P APME-AP3N100P Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP3N100T APME-AP3N100T Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP3N10BI APME-AP3N10BI Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP3N120MP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DADMI040N120Z1B DACO-DADMI040N120Z1B Datasheet
489Kb / 5P
N-Channel Enhancement Mode Power MOSFET 1200V / 40A
Oct 2023 Rev. 1.0
DAEMI040N120Z1B DACO-DAEMI040N120Z1B Datasheet
467Kb / 5P
N-Channel Enhancement Mode Power MOSFET 1200V / 40A
Sep 2023 Rev. 1.0
DADMH040N120Z1B DACO-DADMH040N120Z1B Datasheet
484Kb / 5P
N-Channel Enhancement Mode Power MOSFET 1200V / 40A
Oct 2023 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com