Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P04AI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3P04AI
Description  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3P04AI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3P04AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP3P04AI
-40V P-Channel Enhancement Mode MOSFET
AP3P04AI RVE4.0
永源微電子科技有限公司
Description
The AP3P04AI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-3.0A
RDS(ON) < 72mΩ @ VGS=-10V (Type:65mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3P04AI
SOT23-3L
3P04A
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Steady State
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
Continuous Drain Current, VGS @ -4.5V1
-3.7
A
ID@TA=70
Continuous Drain Current, VGS @ -4.5V1
-3.0
A
IDM
Pulsed Drain Current2
-16.1
A
PD@TA=25
Total Power Dissipation3
1.32
W
PD@TA=70
Total Power Dissipation3
0.84
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
RθJA
Thermal Resistance Junction-Ambient 1
125
℃/W
RθJC
Thermal Resistance Junction-Case1
80
℃/W


Similar Part No. - AP3P04AI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3P010AMT A-POWER-AP3P010AMT Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010H A-POWER-AP3P010H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010I A-POWER-AP3P010I Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010M A-POWER-AP3P010M Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010YT A-POWER-AP3P010YT Datasheet
67Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3P04AI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com