Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P04AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3P04AI
Description  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3P04AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3P04AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3P04AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP3P04AI
-40V P-Channel Enhancement Mode MOSFET
AP3P04AI RVE4.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-40
-46
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.018
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-3A
---
65
72
mΩ
VGS=-4.5V , ID=-2A
---
89
100
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.0
-1.5
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
2.5
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V ,TJ=25
℃
---
---
-1
uA
VDS=-24V , VGS=0V ,TJ=55
℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
---
5.8
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-32V , VGS=-4.5V , ID=-
3A
---
6.4
---
nC
Qgs
Gate-Source Charge
---
2.1
---
Qgd
Gate-Drain Charge
---
2.5
---
Td(on)
Turn-On Delay Time
VDD=-20V , VGS=-4.5V ,
RG=3.3Ω, ID=-3A
---
4.2
---
ns
Tr
Rise Time
---
23
---
Td(off)
Turn-Off Delay Time
---
26.8
---
Tf
Fall Time
---
20.6
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
620
---
pF
Coss
Output Capacitance
---
65
---
Crss
Reverse Transfer Capacitance
---
53
---
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-5.2
A
ISM
Pulsed Source Current2,4
---
---
-16.1
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1
V
Note :
1、The data tested by surface mounted on a 1 inch FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150
℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com