Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP321 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 35Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 36Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 37Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 7
Table 2-1: CompactPCI Bus Connector J1
Pin
Row A
Row B
Row C
Row D
Row E
Row F
25
5V
REQ64#
ENUM#
3.3V
5V
GND
24
AD[1]
5V
V(I/O)
AD[0]
ACK64#
GND
23
3.3V
AD[4]
AD[3]
5V
AD[2]
GND
22
AD[7]
GND
3.3V
AD[6]
AD[5]
GND
21
3.3V
AD[9]
AD[8]
M66EN
C/BE[0]#
GND
20
AD[12]
GND
V(I/O)
AD[11]
AD[10]
GND
19
3.3V
AD[15]
AD[14]
GND
AD[13]
GND
18
SERR#
GND
3.3V
PAR
C/BE[1]#
GND
17
3.3V
SDONE
SBO#
GND
PERR#
GND
16
DEVSEL#
GND
V(I/O)
STOP#
LOCK#
GND
15
3.3V
FRAME#
IRDY#
GND
TRDY#
GND
12-14
Key Area
11
AD[18]
AD[17]
AD[16]
GND
C/BE[2]#
GND
10
AD[21]
GND
3.3V
AD[20]
AD[19]
GND
9
C/BE[3]#
IDSEL
AD[23]
GND
AD[22]
GND
8
AD[26]
GND
V(I/O)
AD[25]
AD[24]
GND
7
AD[30]
AD[29]
AD[28]
GND
AD[27]
GND
6
REQ#
GND
3.3V
CLK
AD[31]
GND
5
BRSVP1A5
BRSVP1B5
RST#
GND
GNT#
GND
4
NC
GND
V(I/O)
INTP
INTS
GND
3
INTA#
INTB#
INTC#
5V
INTD#
GND
2
TCK
5V
TMS
TDO
TDI
GND
1
5V
-12V
TRST#
+12V
5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com