Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP321 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 37Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 9
Table 2-3: CompactPCI Bus Connector J2 (32-bit version)
Pin
Row A
Row B
Row C
Row D
Row E
Row F
22
N/C
N/C
N/C
N/C
N/C
GND
21
CLK6
GND
Eth. TD-
Eth. RD-
Eth. RD+
GND
20
CLK5
GND
Eth. TD+
GND
RSV
GND
19
GND
GND
RSV
RSV
RSV
GND
18
LED1
RSV
RSV
GND
RSV
GND
17
Eth. Speed LED
N/C
PRST# (Push
button)
REQ6#
GNT6#
GND
16
Eth. Act. LED
LED (watchdog
active)
DEG#
GND
RSV
GND
15
Eth. Link LED
N/C
FAL#
REQ5#
GNT5#
GND
14
RS485_DE
UART_B DSR
UART_B RTS
RSV
UART_B CTS
GND
13
UART_B RX
N/C
RSV
UART_B DTR
UART_B CD
GND
12
UART_A DSR
UART_A RTS
UART_A CTS
RSV
UART_B TX
GND
11
UART_A DTR
GND
RSV
UART_A CD
RS485_RE
GND
10
RSV
N/C
UART_A TX
RSV
UART_A RX
GND
9
RSV
N/C
RSV
RSV
RSV
GND
8
RSV
N/C
RSV
GND
RSV
GND
7
RSV
N/C
RSV
RSV
RSV
GND
6
RSV
N/C
RSV
RSV
RSV
GND
5
C/BE[5]#
GND
RSV
C/BE[4]#
RSV
GND
4
V(I/O)
LED2
C/BE[7]#
GND
C/BE[6]#
GND
3
CLK4
GND
GNT3#
REQ4#
GNT4#
GND
2
CLK2
CLK3
SYSEN#
GNT2#
REQ3#
GND
1
CLK1
GND
REQ1#
GNT1#
REQ2#
GND
Note...
The signal IPMI_PWR (on J1) is routed to 3.3V as it was defined in the
preliminary version of the CompactPCI specification PICMG 2.0 R3.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com