Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N25DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4N25DF
Description  250V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N25DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4N25DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4N25DF
250V N-Channel Enhancement Mode MOSFET
AP4N25DF REV1.0
永源微電子科技有限公司
Description
The AP4N25DF uses advanced APM-SGT III technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 250V ID =4.0A
RDS(ON) < 650mΩ@ VGS=10V (Type:500mΩ)
Application
Automative lighting
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4N25DF
PDFN3X3-8L
AP4N25DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
250
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Drain Current, VGS @ 10V
5
A
ID@TC=100
℃
Drain Current, VGS @ 10V
3
A
IDM
Pulsed Drain Current1
20
A
PD@TC=25
℃
Total Power Dissipation
60
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Maximum Thermal Resistance, Junctionambient
85
℃/W
RθJC
Maximum Thermal Resistance, Junction-case
2.4
℃/W


Similar Part No. - AP4N25DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4N25MI APME-AP4N25MI Datasheet
709Kb / 7P
250V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP4N25DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
250V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com