Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N25DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4N25DF
Description  250V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N25DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4N25DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4N25DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP4N25DF
250V N-Channel Enhancement Mode MOSFET
AP10N25D REV1.0
永源微電子科技有限公司
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250µA
250
300
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ= 25
℃
VDS=250V, VGS = 0V
-
-
1
μA
IDSS
Zero Gate Voltage Drain Current TJ= 100
℃
-
-
100
μA
VGS(th)
Gate-Threshold Voltage
VDS= VGS, ID = 250µA
2.0
2.8
4.0
V
RDS(on)
Drain-Source On-Resistance2
VGS = 10V, ID = 2.5A
-
500
650
mΩ
Ciss
Input Capacitance
VDS=75V, VGS=0V,
f=1MHz
-
464
580
pF
Coss
Output Capacitance
-
424
550
Crss
Reverse Transfer Capacitance
-
21.2
30
Rg
Gate Resistance
VGS=0V, VDS Open, f=1MHz
-
25
-
Ω
Qg
Total Gate Charge
VGS=10V,VDD=100V,
ID= 10A
-
7.7
-
nC
Qgs
Gate-Source Charge
-
1.2
-
Qgd
Gate-Drain Charge
-
4.5
-
td(on)
Turn-On Delay Time
VGS=10V, VDD = 100V, RG = 6Ω,
ID= 10A
-
7.5
-
nS
tr
Rise Time
-
20
-
td(off)
Turn-Off Delay Time
-
12
-
tf
Fall Time
-
27
-
VSD
Diode Forward Voltage2
IS = 10A, VGS = 0V
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
VR = 75V,IF = 10A, dI/dt=
1A/µs
-
89
-
nS
Qrr
Body Diode Reverse Recovery Charge
-
265
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V,VGS=10V,L=0.5mH,IAS=1A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com