Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8501L2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS8501L2
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501L2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS8501L2 Datasheet HTML 8Page - Renesas Technology Corp PS8501L2 Datasheet HTML 9Page - Renesas Technology Corp PS8501L2 Datasheet HTML 10Page - Renesas Technology Corp PS8501L2 Datasheet HTML 11Page - Renesas Technology Corp PS8501L2 Datasheet HTML 12Page - Renesas Technology Corp PS8501L2 Datasheet HTML 13Page - Renesas Technology Corp PS8501L2 Datasheet HTML 14Page - Renesas Technology Corp PS8501L2 Datasheet HTML 15Page - Renesas Technology Corp PS8501L2 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PS8501, PS8501L1, PS8501L2, PS8501L3
R08DS0242EJ0100 Rev.1.00
Page 13 of 15
Sep 22, 2021
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Rating
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
55/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.6
 UIORM, Pd  5 pC
UIORM
Upr
1 130
1 808
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875
 UIORM, Pd  5 pC
Upr
2 119
Vpeak
Highest permissible overvoltage
UIOTM
8 000
Vpeak
Degree of pollution (DIN EN 60664-1 VDE 0110 Part 1)
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303 Part 11))
CTI
175
Material group (DIN EN 60664-1 VDE 0110 Part 1)
III a
Storage temperature range
Tstg
–55 to +125
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 °C
VIO = 500 V dc at TA MAX. at least 100 °C
Ris MIN.
Ris MIN.
1012
1011
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
109
°C
mA
mW
Ω
Dependence of maximum safety ratings with package temperature
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com