Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDMK22FUG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FRDMK22FUG
Description  Freedom Board for Kinetis K22F Hardware (FRDM-K22F)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK22FUG Datasheet(HTML) 2 Page - NXP Semiconductors

  FRDMK22FUG Datasheet HTML 1Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 2Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 3Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 4Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 5Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 6Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 7Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 8Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Freedom Board for Kinetis K22F Hardware (FRDM-K22F) User’s Guide, FRDMK22FUG, Rev. 0, 07/2014
2
Freescale Semiconductor, Inc.
FRDM-K22F Hardware Overview
The FRDM-K22F platform features OpenSDAv2, the Freescale open-source hardware embedded serial
and debug adapter running an open-source bootloader. This circuit offers several options for serial
communication, flash programming, and run-control debugging. OpenSDAv2 is an mbed™
HDK-compatible debug interface preloaded with the open-source CMSIS-DAP Interface firmware (mbed
interface) for rapid prototyping and product development, with a focus on connected Internet of Things
devices.
2
FRDM-K22F Hardware Overview
The features of the FRDM-K22F hardware are as follows:
•
MK22FN512VLH12 MCU—120 MHz, 512 KB flash memory, 128 KB RAM, low-power, and
crystal-less USB in 64 LQFP package)
•
Dual role USB interface with USB connector
•
RGB LED
•
FXOS8700CQ—accelerometer and magnetometer
•
Two user push buttons
•
Flexible power supply option—OpenSDAv2 USB, K22F USB, or external source
•
Easy access to MCU input/output through Arduino R3 compatible I/O connectors
•
Programmable OpenSDAv2 debug circuit supporting the CMSIS-DAP interface software that
provides:
— Mass storage device (MSD) flash programming interface
— CMSIS-DAP debug interface over a USB HID connection providing run-control debugging
and compatibility with IDE tools
— Virtual serial port interface
•
Optional microSD card slot for operation over SPI
•
Optional header for add-on RF module: nRF24L01+ Nordic 2.4 GHz radio
•
Optional header for add-on Bluetooth module: JY-MCU BT board V1.05 BT
Figure 1 shows the block diagram of the FRDM-K22F design. The primary components and their
placement on the hardware assembly are explained in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com