Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDMK22FUG Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FRDMK22FUG
Description  Freedom Board for Kinetis K22F Hardware (FRDM-K22F)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK22FUG Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FRDMK22FUG Datasheet HTML 9Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 10Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 11Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 12Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 13Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 14Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 15Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 16Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Freedom Board for Kinetis K22F Hardware (FRDM-K22F) User’s Guide, FRDMK22FUG, Rev. 0, 07/2014
Freescale Semiconductor, Inc.
13
Serial Port
10 Serial Port
The primary serial port interface signals are PTE1 UART1_RX and PTE0 UART1_TX. These signals are
connected to the OpenSDAv2 circuit.
11 Reset
The Reset signal on the K20 is connected externally to a push button, SW1, and also to the OpenSDAv2
circuit. The reset button can be used to force an external reset event on the target MCU. The reset button
can also be used to force the OpenSDAv2 circuit into boot loader mode. For more details, see Section 3.2,
“Serial and Debug Adapter version 2 (OpenSDAv2)”.
Figure 13. Reset circuit
12 Push Button Switches
Two push buttons, SW2 and SW3, are available on the FRDM-K22F board. SW2 is connected to PTC1
and SW3 is connected to PTB17. Besides the general purpose input/output functions, SW2 can be also be
used as a low-leakage wakeup (LLWU) source.
Table 6. LED signal connection
RGB LED
K22F Connection
RED
PTA1/UART0_RX/FTM0_CH6/JTAG_TDI/EZP_DI
GREEN
PTA2/UART0_TX/ FTM0_CH7/JTAG_TDO/TRACE_SWO/EZP_DO
BLUE
PTD5/SPI0_PCS2/UART0_CTS_b/FTM0_CH5/FB_AD1/ EWM_OUT_b/SPI1_SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com