Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8302L-AX Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS8302L-AX
Description  Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8302L-AX Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS8302L-AX Datasheet HTML 6Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 7Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 8Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 9Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 10Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 11Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 12Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 13Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PS8302L,PS8302L2 Data Sheet
R08DS0253EJ0100 Rev.1.00
Page 10 of 15
Nov 4, 2021
PSx3xxL2-E3
Packing: 2 000 pcs/reel
2.0±0.5
⌀13.0±0.2
R1.0
⌀21.0±0.8
2.0±0.5
25.5±1.0
29.5±1.0
2.0±0.1
4.0±0.1
5.08±0.1
8.0±0.1
0
.
2
⌀ +0.1−0
5
.
1
⌀ +0.1−0
4.5 MAX.
0.35
Tape Direction
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com