Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8302L-AX Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS8302L-AX
Description  Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8302L-AX Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS8302L-AX Datasheet HTML 8Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 9Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 10Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 11Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 12Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 13Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 14Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 15Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PS8302L,PS8302L2 Data Sheet
R08DS0253EJ0100 Rev.1.00
Page 13 of 15
Nov 4, 2021
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Rating
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
55/110/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.6
× UIORM., Pd < 5 pC
UIORM
Upr
1 130
1 808
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875
× UIORM., Pd < 5 pC
Upr
2 119
Vpeak
Highest permissible overvoltage
UIOTM
8 000
Vpeak
Degree of pollution (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303-11))
CTI
175
Material group (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
III a
Storage temperature range
Tstg
− 55 to +125
°C
Operating temperature range
TA
− 55 to +110
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 °C
VIO = 500 V dc at TA MAX. at least 100 °C
Ris MIN.
Ris MIN.
1012
1011
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
109
°C
mA
mW
Ω
Dependence of maximum safety ratings with package temperature
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
175
200
Package temp Tsi (°C)
Psi: Total Power Dissipation
Isi: Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com