Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADFCA Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC8309CVMADFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFCA Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC8309CVMADFCA Datasheet HTML 12Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 13Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 14Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 15Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 16Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 17Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 18Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 19Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
16
Freescale Semiconductor
DDR2 SDRAM
The following figure shows the input timing diagram for the DDR controller.
Figure 4. DDR Input Timing Diagram
6.2.2
DDR2 SDRAM Output AC Timing Specifications
The following table provides the output AC timing specifications for the DDR2 SDRAM interfaces.
Table 15. DDR2 SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of 1.8V ± 100mV.
Parameter
Symbol
Min
Max
Unit
Note
Controller skew for MDQS—MDQ/MDM
tCISKEW
ps
1, 2
266 MHz
–750
750
Notes:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that
is captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be
determined by the equation: tDISKEW = ±(T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the absolute
value of tCISKEW.
Table 16. DDR2 SDRAM Output AC Timing Specifications
At recommended operating conditions with GVDD of 1.8V ± 100mV.
Parameter
Symbol1
Min
Max
Unit
Note
MCK cycle time, (MCK/MCK crossing)
tMCK
5.988
8
ns
2
ADDR/CMD output setup with respect to MCK
tDDKHAS
ns
3
333 MHz
266 MHz
2.4
2.5
—
ADDR/CMD output hold with respect to MCK
tDDKHAX
ns
3
333 MHz
266 MHz
2.4
2.5
—
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com