Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADFCA Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MPC8309CVMADFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFCA Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MPC8309CVMADFCA Datasheet HTML 21Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 22Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 23Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 25Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 26Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 27Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 28Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
25
Ethernet and MII Management
The following figure shows the MII receive AC timing diagram.
Figure 13. MII Receive AC Timing Diagram
8.2.2
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
8.2.2.1
RMII Transmit AC Timing Specifications
The following table provides the RMII transmit AC timing specifications.
The following figure provides the AC test load.
Figure 14. AC Test Load
Table 22. RMII Transmit AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 300mV.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
REF_CLK clock
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTKHDX
2
—
13
ns
REF_CLK data clock rise VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK data clock fall VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMTKHDX symbolizes RMII
transmit timing (RMT) for the time tRMX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in
general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tRMX represents the RMII(RM) reference (X) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
RX_CLK
RXD[3:0]
tMRDXKH
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data
Output
Z0 = 50 
OVDD/2
RL = 50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com