Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMAGFCA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC8309CVMAGFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFCA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC8309CVMAGFCA Datasheet HTML 35Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 36Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 37Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 38Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 39Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 40Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 41Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 42Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
39
eSDHC
14 eSDHC
This section describes the DC and AC electrical specifications for the eSDHC interface of the device.
14.1
eSDHC DC Electrical Characteristics
The following table provides the DC electrical characteristics for the eSDHC interface.
14.2
eSDHC AC Timing Specifications
The following table provides the eSDHC AC timing specifications as defined in Figure 30 and Figure 31.
Table 39. eSDHC Interface DC Electrical Characteristics
At recommended operating conditions with OVDD =3.3 V
Characteristic
Symbol
Condition
Min
Max
Unit
Note
Input high voltage
VIH
—0.625
 OVDD
—V
1
Input low voltage
VIL
—
—
0.25
 OVDD
V1
Output high voltage
VOH
IOH = –100 A at
OVDD min
0.75
 OVDD
—V
—
Output low voltage
VOL
IOL =100 A at
OVDD min
—0.125
 OVDD
V—
Output high voltage
VOH
IOH = –100 mA
OVDD –0.2
—
V
2
Output low voltage
VOL
IOL =2mA
—
0.3
V
2
Input/output leakage current
IIN/IOZ
—–10
10
A—
Notes:
1. Note that the min VILand max VIH values are based on the respective min and max OVIN values found in Table 2..
2. Open drain mode for MMC cards only.
Table 40. eSDHC AC Timing Specifications
At recommended operating conditions with OVDD =3.3 V
Parameter
Symbol1
Min
Max
Unit
Notes
SD_CLK clock frequency:
SD/SDIO Full-speed/High-speed mode
MMC Full-speed/High-speed mode
fSHSCK
0
25/33.25
20/52
MHz
2, 4
SD_CLK clock low time—Full-speed/High-speed mode
tSHSCKL
10/7
—
ns
4
SD_CLK clock high time—Full-speed/High-speed mode
tSHSCKH
10/7
—
ns
4
SD_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
—3
ns
4
Input setup times: SD_CMD, SD_DATx, SD_CD to
SD_CLK
tSHSIVKH
5—
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com