Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMAGFCA Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPC8309CVMAGFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFCA Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPC8309CVMAGFCA Datasheet HTML 60Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 61Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 62Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 63Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 64Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 65Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 66Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 67Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
64
Freescale Semiconductor
Package and Pin Listings
VDD
H8,H9,H10,H11,H12,M8,
H13,N16,H14,H15,H16,
P16,P8,L8,K16,J16,K8,J
8,R8,T16,R16,T8,T9,T11
,T10,T12,T13,T14,T15
--
-
VSS
A1, C3, F22, J14, K14,
M15, L15, N20, R9, Y21,
T20, AB21, B1, C22,G4,
K15, J15, M2, M22, P9,
R10, V2, AA2, AC1,
B4,D5, G20, J22, K20,
M5, N9, P10, R11, V22,
AA22,AC23, B6, D8, J2,
K4, M9,L9, N10, P11,
R12, W4, AB4, D11, B9,
J9, K9, L10,M10, N11,
P12, R13, Y7,AB6, B12,
D14, J10, K10, L11, M11,
P13, N12, R14,
Y10,AB9, B15, D17, J11,
K11, D20, B18, J12, K12,
L13, L12, L14, K13, J13,
F2, B21, M14, M13, M12,
Y19, Y16, AB15, AB12,
Y13, N13, N14, N15,
P14, P15, R2, AB18,
R15, R21, T4
--
-
NC
A23
-
-
-
Notes
1. This pin is an open drain signal. A weak pull-up resistor should be placed on this pin to OVDD
2 This pin has weak pull-up that is always enabled.
4. OVDD here refers to NVDDA, NVDDB,NVDDC, NVDDF, NVDDG, and NVDDH from the ball map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com