Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADFC Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC8309CVMADFC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFC Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC8309CVMADFC Datasheet HTML 73Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 74Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 75Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 76Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 77Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 78Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 79Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 80Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 81Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
79
Ordering Information
26.2
Part Marking
Parts are marked as in the example shown in the following figure.
Figure 48. Freescale Part Marking for MAPBGA Devices
The following table shows the SVR Settings.
Table 66. Part Numbering Nomenclature
MPC
nnnn
C
VM
AF
D
C
A
Product
Code
Part
Identifier
Temperature
Range1
Package2
e300 Core
Frequency3
DDR2
Frequency
QUICC
Engine
Frequency
Revision
Level
MPC
8309
Blank = 0 to
105
C
C = –40 to
105
C
VM = Pb-free
AD = 266 MHz
AF = 333 MHz
AG = 400 MHz
AH = 417MHz
D = 266 MHz
F = 333 MHz
C = 233 MHz
Contact local
Freescale
sales office
Notes:
1. Contact local Freescale office on availability of parts with C temperature range.
2. See Section 22, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
Table 67. SVR Settings
Device
Package
SVR (Rev 1.0)
SVR (Rev 1.1)
MPC8309
MAPBGA
0x8110_0010
0x8110_0011
Note: PVR = 0x8085_0020
MPCnnnnetppaaar
core/platform MHZ
ATWLYYWW
CCCCC
MAPBGA
*MMMMM
YWWLAZ
Notes:
ATWLYYWW is the traceability code.
CCCCC is the country code.
MMMMM is the mask number.
YWWLAZ is the assembly traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com