Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADFC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC8309CVMADFC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC8309CVMADFC Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 9Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 10Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 11Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 12Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 13Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 14Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
11
Power Characteristics
Figure 3.
MPC8309 Power-Up Sequencing Example
3
Power Characteristics
The typical power dissipation for this family of MPC8309 devices is shown in the following table.
Table 5.
MPC8309 Power Dissipation
Core
Frequency (MHz)
QUICC Engine
Frequency (MHz)
CSB
Frequency (MHz)
Typical
Maximum
Unit
Note
266
233
133
0.341
0.920
W
1, 2, 3
333
233
133
0.361
0.938
W
1, 2, 3
400
233
133
0.381
0.969
W
1,2,3
417
233
167
0.429
1.003
W
1,2,3
Notes:
1. The values do not include I/O supply power (OVDD and GVDD), but it does include VDD and AVDD power. For I/O power
values, see Table 6.
2. Typical power is based on a nominal voltage of VDD = 1.0 V, ambient temperature, and the core running a Dhrystone
benchmark application. The measurements were taken on the evaluation board using WC process silicon.
3. Maximum power is based on a voltage of VDD = 1.05 V, WC process, a junction TJ = 105C, and a smoke test code.
t
90%
V
Core Voltage (VDD)
I/O Voltage (GVDD and OVDD)
0
0.7 V
PORESET
>= 32
 tSYS_CLK_IN / PCI_SYNC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com