Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPM5IO Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPM5IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPM5IO Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPM5IO Datasheet HTML 2Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Sensor switching channel SSC1 and
SSC2
SSC1
• Enabled
• Disabled
Factory settings: Enabled
SSC2
• Enabled
• Disabled
Factory settings: Enabled
Set Point 1 (SP1)
• 0 ... 13 500
Factory settings: 100 (Approx. 1000 mm @ Rererence target 90%
reflection)
Set Point 2 (SP2)
• 0 ... 13 500
Factory settings: 13 500 (Approx. 100 mm @ Rererence target 90%
reflection)
Switching logic
• High active
• Low active
Factory settings: High active
Switching mode
SSC1
• Deactivated
• Single point mode
• Two point mode
• Windows mode
Factory settings: Single point mode
SSC2
• Deactivated
• Single point mode
• Two point mode
• Windows mode
Factory settings: Single point mode
Rated operating distance (S
n)
1000 mm
Reference target, white paper with 90
% reflectivity, Size 200x200 mm
Maximum detection distance
< 1000 mm
Rererence target 90% reflection
Sensitivity control ( selectable be-
tween)
• IO-Link Adjustment (SSC1)
• Trimmer Input (SSC1)
• Teach by wire (SSC1)
Factory settings: Trimmer Input
Sensitivity adjustment
70 ... 13 500
Single-turn potentiometer
Blind zone
≤1.0 mm @ Sn max
Rererence target 90% reflection
Light source / Light type
617 nm / Red modulated
PD30ETDR10BPxxIO
850 nm / Infrared modulated
PD30ETDI10BPxxIO
Detection angle
± 1.4° @ half sensing distance
@ 500 mm
Light spot size
Ø 46 mm
@ 500 mm
Emitter beam angle
± 2.6°
@ 500 mm
Adjustable distance
• 0 ... 13 500
Factory settings: SP1 100 (1000
mm) and SP2 13 500 (100 mm)
Rererence target 90% reflection
Hysteresis (H)
Manual
Automatic
Adjustable by IO-Link
• 1% ... 100%
Typical 5% ... 10% / Max. 15%
Detection filter
This function can increase the immunity towards unstable targets and
electromagnetic disturbances: Value can be set from 1 to 255.
Factory settings: 1
(1 is max. operating frequency and 255 is min. operating frequency)
Mutual Inteference Protection
• MIP Off
• One channel
• 2 channels - CH A
• 2 channels - CH B
• 3 channels - CH A
• 3 channels - CH B
• 3 channels - CH C
Factory settings: MIP Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com