Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPM5IO Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPM5IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPM5IO Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPM5IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30ETDR10BPM5IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Application functions
Selectable dedicated applications
• No application
• Pattern Recognition
• Speed and Length
• Divider function
• Object and Gap Monitoring
Factory settings: No application
Pattern Recognition
Function description
The Pattern recognition function detects a pattern (e.g. a row of holes or
pins) and compare the order with a pre-teached reference pattern.
Conditions
Two sensors (Main sensor and Trigger sensor) are needed for this function.
Settings
• The Trigger sensor has to detect the full length of the body that contains
the pattern.
• The Main sensor has to be aimed at the e.g. holes or pins that constitute
the pattern.
Speed and Length
Function description
This function is designed to monitor the length of an object as well as the
speed of a conveyour belt. The actual value if the length in [mm] and the
speed in [mm/s] are directly available on the IO-Link master.
Conditions
Two sensors (Main sensor and Trigger sensor) are needed for this function.
Settings
Distance between sensors.
25 ... 150 mm
Factory settings: 100 mm
Divider function
Function description
This function can be used to e.g. monitor how many items that are packed
into a carton box. Once the preset number is reached the sensor gives an
output so the full box can be replaced.
Conditions
Only one sensor is needed for this function.
Settings
A counter value must be set in the sensor.
Counter limit.
1...60 000
Factory settings: 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com