Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V102
Description  1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V102 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V102 Datasheet HTML 1Page - STMicroelectronics M27V102 Datasheet HTML 2Page - STMicroelectronics M27V102 Datasheet HTML 3Page - STMicroelectronics M27V102 Datasheet HTML 4Page - STMicroelectronics M27V102 Datasheet HTML 5Page - STMicroelectronics M27V102 Datasheet HTML 6Page - STMicroelectronics M27V102 Datasheet HTML 7Page - STMicroelectronics M27V102 Datasheet HTML 8Page - STMicroelectronics M27V102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M27V102
1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
1/15
AI01912
16
A0-A15
P
Q0-Q15
VPP
VCC
M27V102
G
E
VSS
16
Figure 1. Logic Diagram
LOW VOLTAGE READ OPERATION:
3V to 3.6V
FAST ACCESS TIME: 90ns
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20
µA
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
PROGRAMMING TIME: 100
µs/byte (typical)
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code: 008Ch
DESCRIPTION
The M27W102 is a low voltage 1 Mbit EPROM
offeredin the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organized as 65,536 words
by 16 bits.
The M27V102 operates in the read mode with a
supply voltage as low as 3V. The decrease in
operating power allows either a reduction of the
size of the battery or an increase in the time be-
tween battery recharges.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to
expose the chip to ultraviolet light to erase the bit
pattern. A new pattern can then be written to the
device by following the programming procedure.
A0 - A15
Address Inputs
Q0 - Q15
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC44 (K)
1
40
FDIP40W (F)
TSOP40 (N)
10 x 14mm
1
40
PDIP40 (B)


Similar Part No. - M27V102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V101-100B1TR STMICROELECTRONICS-M27V101-100B1TR Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V101-100B6TR STMICROELECTRONICS-M27V101-100B6TR Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V101-100F1TR STMICROELECTRONICS-M27V101-100F1TR Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V101-100F6TR STMICROELECTRONICS-M27V101-100F6TR Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
More results

Similar Description - M27V102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com