Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V201
Description  2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V201 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V201 Datasheet HTML 1Page - STMicroelectronics M27V201 Datasheet HTML 2Page - STMicroelectronics M27V201 Datasheet HTML 3Page - STMicroelectronics M27V201 Datasheet HTML 4Page - STMicroelectronics M27V201 Datasheet HTML 5Page - STMicroelectronics M27V201 Datasheet HTML 6Page - STMicroelectronics M27V201 Datasheet HTML 7Page - STMicroelectronics M27V201 Datasheet HTML 8Page - STMicroelectronics M27V201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
May 1998
M27V201
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 120ns
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 61h
DESCRIPTION
The M27V201 is a low voltage 2 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organised as 262,144 by 8
bits.
The M27V201 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP32W (window ceramic frit-seal package)
has a transparent lid which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern.
Figure 1. Logic Diagram
AI00693B
18
A0-A17
P
Q0-Q7
VPP
VCC
M27V201
G
E
VSS
8
Table 1. Signal Names
A0-A17
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm


Similar Part No. - M27V201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V256-100B1TR STMICROELECTRONICS-M27V256-100B1TR Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V256-100B6TR STMICROELECTRONICS-M27V256-100B6TR Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V256-100F1TR STMICROELECTRONICS-M27V256-100F1TR Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V256-100F6TR STMICROELECTRONICS-M27V256-100F6TR Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27V201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com