Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7N80F Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP7N80F
Description  800V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP7N80F Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP7N80F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP7N80FIPIF
800V N-Channel Enhancement Mode MOSFET
AP7N80F/P/T REV1.0
永源微電子科技有限公司
Description
The AP7N80F/P/T is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 800V ID =7A
RDS(ON) < 1.6Ω @ VGS=10V (Type:1.35Ω)
Application
Uninterruptible Power Supply(UPS)
LED
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP7N80F
TO-220F-3L
AP7N80F XXX YYYY
1000
AP7N80P
TO-220-3L
AP7N80P XXX YYYY
1000
AP7N80T
TO-263-3L
AP7N80T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
800
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
7
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
3.5
A
IDM
Pulsed Drain Current
28
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
61
mJ
PD@TC=25℃
Power Dissipation
52
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
2.4
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP7N80F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP7N100F APME-AP7N100F Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP7N100P APME-AP7N100P Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP7N100T APME-AP7N100T Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP7N25D APME-AP7N25D Datasheet
1Mb / 7P
250V N-Channel Enhancement Mode MOSFET
AP7N30D APME-AP7N30D Datasheet
983Kb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP7N80F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP1N80 PANJIT-PJP1N80 Datasheet
227Kb / 6P
800V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com