Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7N80F Datasheet(PDF) 7 Page - A POWER MICROELECTRONICS

Part # AP7N80F
Description  800V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP7N80F Datasheet(HTML) 7 Page - A POWER MICROELECTRONICS

  AP7N80F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP7N80F Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP7N80FIPIF
800V N-Channel Enhancement Mode MOSFET
AP7N80F/P/T REV1.0
永源微電子科技有限公司
Package Mechanical Data:TO-263C-3L
Symbol
Dim in mm
Min
Typ
Max
A
4.37
4.57
4.77
A1
0
0.25
A2
1.22
1.27
1.42
A3
2.49
2.69
2.89
b
0.7
0.81
0.96
b1
1.17
1.27
1.47
c
0.3
0.38
0.53
D
9.86
10.16
10.36
D1
8.4REF
D2
7.073REF
E
8.5
8.7
8.9
E1
1.07
1.27
1.47
e
2.54BSC
L
17.7
15.1
15.5
L1
1.4
1.55
1.7
L2
2
2.3
2.6
H
6
6.5
6.85
Q
2.6
2.8
3
ϕ
3.4
3.6
3.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com