Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V401 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27V401
Description  4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V401 Datasheet(HTML) 2 Page - STMicroelectronics

  M27V401 Datasheet HTML 1Page - STMicroelectronics M27V401 Datasheet HTML 2Page - STMicroelectronics M27V401 Datasheet HTML 3Page - STMicroelectronics M27V401 Datasheet HTML 4Page - STMicroelectronics M27V401 Datasheet HTML 5Page - STMicroelectronics M27V401 Datasheet HTML 6Page - STMicroelectronics M27V401 Datasheet HTML 7Page - STMicroelectronics M27V401 Datasheet HTML 8Page - STMicroelectronics M27V401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27V401
2/15
Figure 2B. LCC Pin Connections
AI00696
A8
A10
17
A1
A0
Q0
A7
A4
A3
A2
A6
A5
9
A9
1
A11
A13
Q7
32
M27V401
A14
G
E
25
Figure 2A. DIP Pin Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
A17
A18
A16
A12
VPP
VCC
A15
AI01861
M27V401
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
For applications where the content is programmed
only one time and erasure is not required, the
M27V201 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20 mm) packages.
DEVICE OPERATION
The operating modes of the M27V401 are listed in
the Operating Modes table. A single power supply
is required in the read mode. All inputs are TTL
levels except for VPP and 12V on A9 for Electronic
Signature.
Read Mode
The M27V401 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after a delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Figure 2C. TSOP Pin Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
Q4
Q6
A17
A18
A16
A12
VPP
VCC
A15
AI01156B
M27V401
(Normal)
8
1
9
16
17
24
25
32
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com