Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V401 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V401
Description  4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V401 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V401 Datasheet HTML 1Page - STMicroelectronics M27V401 Datasheet HTML 2Page - STMicroelectronics M27V401 Datasheet HTML 3Page - STMicroelectronics M27V401 Datasheet HTML 4Page - STMicroelectronics M27V401 Datasheet HTML 5Page - STMicroelectronics M27V401 Datasheet HTML 6Page - STMicroelectronics M27V401 Datasheet HTML 7Page - STMicroelectronics M27V401 Datasheet HTML 8Page - STMicroelectronics M27V401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
May 1998
M27V401
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 120ns
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 41h
DESCRIPTION
The M27V401 is a low voltage 4 Mbit EPROM of-
fered in the two range UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organised as 524,288 by 8
bits.
The M27V401 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP32W (window ceramic frit-seal package)
has a transparent lid which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
Figure 1. Logic Diagram
AI00695B
19
A0-A18
Q0-Q7
VPP
VCC
M27V401
G
VSS
8
E
Table 1. Signal Names
A0-A18
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M27V401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B1TR STMICROELECTRONICS-M27V400-100B1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100B6TR STMICROELECTRONICS-M27V400-100B6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F1TR STMICROELECTRONICS-M27V400-100F1TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V400-100F6TR STMICROELECTRONICS-M27V400-100F6TR Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
More results

Similar Description - M27V401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com