Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10P20DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP10P20DF
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10P20DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP10P20DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP10P20DF
-200V P-Channel Enhancement Mode MOSFET
AP10P20DF REV1.0
永源微電子科技有限公司
Description
The AP10P20DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -200V ID =-10A
RDS(ON) < 800mΩ @ VGS=-10V (Type:620mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP10P20DF
PDFN3*3-8L
AP15P15DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-200
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, -VGS @ -10V1
-10
A
ID@TA=70
℃
Continuous Drain Current, -VGS @ -10V1
-4.8
A
IDM
Pulsed Drain Current2
-5
A
EAS
Single Pulse Avalanche Energy3
5
mJ
IAS
Avalanche Current
5
A
PD@TA=25
℃
Total Power Dissipation4
52
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.9
℃
/W


Similar Part No. - AP10P20DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP10P20NF APME-AP10P20NF Datasheet
1Mb / 7P
-200V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP10P20DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
-200V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
-200V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com