Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10P20DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP10P20DF
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10P20DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP10P20DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10P20DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP10P20DF
-200V P-Channel Enhancement Mode MOSFET
AP10P20DF REV1.0
永源微電子科技有限公司
P-Channel Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDS
Drain-Source Breakdown Voltage
VGS=0V, ID=- 250µA
-200
V
VGS(th)
Gate-Source Threshold Voltage
VDS=VGS, ID=-250µA
-2.0
-3.0
-4.0
V
IGSS
Gate-Source Leakage
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-200V, VGS=0V
- 1
µA
VDS=- 200V, VGS=0V, TJ=55 °C
- 10
RDS(on)
Drain-Source On-State Resistancea
VGS=-10V, ID=-1A
620
850
mΩ
VGS=-6V, ID=-1A
880
1100
gfs
Forward Transconductancea
VDS=-15V, ID=-1A
4
S
Ciss
Input Capacitance
VDS=-50V, VGS=0 V, f=1MHz
666
pF
Coss
Output Capacitance
36
Crss
Reverse Transfer Capacitance
25
Qg
Total Gate Charge
VDS=-100V, VGS=-10V, ID=-1A
16.2
25
nC
Qgs
Gate-Source Charge
VDS=-100V, VGS=-6V, ID =-1A
2.5
Qgd
Gate-Drain Charge
4.9
Rg
Gate Resistance
f = 1MHz
5.3
8
Ω
td(on)
Turn-On Delay Time
VDD=-100V, RL=100Ω ,
VGEN=- 6V, Rg=1Ω
16
25
ns
tr
Rise Time
16
25
td(off)
Turn-Off DelayTime
25
40
tf
Fall Time
16
25
td(on)
Turn-On Delay Time
VDD=-100V, RL=100Ω
VGEN=-10V, Rg=1Ω
9
15
tr
Rise Time
11
18
td(off)
Turn-Off DelayTime
27
42
tf
Fall Time
12
20
IS
Continuous Source-Drain Diode Current
TC=25 °C
- 5
A
ISM
Pulse Diode Forward Currenta
- 5
VSD
Body Diode Voltage
IS =-1 A
-0.8
- 1.2
V
trr
Body Diode Reverse Recovery Time
IF=-4A, dI/dt=100A/µs,
TJ= 25°C
66
90
ns
Qrr
Body Diode Reverse Recovery Charge
215
270
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =-50V,VGS =-10V,L=0.5mH,IAS =-5A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com