Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320DM640 Datasheet HTML 1Page - Texas Instruments TMS320DM640 Datasheet HTML 2Page - Texas Instruments TMS320DM640 Datasheet HTML 3Page - Texas Instruments TMS320DM640 Datasheet HTML 4Page - Texas Instruments TMS320DM640 Datasheet HTML 5Page - Texas Instruments TMS320DM640 Datasheet HTML 6Page - Texas Instruments TMS320DM640 Datasheet HTML 7Page - Texas Instruments TMS320DM640 Datasheet HTML 8Page - Texas Instruments TMS320DM640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 179 page
background image
Revision History
4
June 2003 − Revised October 2005
SPRS222E
PAGE(s)
NO.
ADDS/CHANGES/DELETES
106
External Memory Interface (EMIF), EMIF Electrical Data Timing, Asynchronous Memory Timing section:
Timing Requirements for Asynchronous Memory Cycles for EMIFA Module table:
Updated Parameter No. 7, th(EKO1H-ARDY) MIN from “2.0” to “2.5”
Switching Characteristics Over Recommended Operating Conditions for Asynchronous Memory Cycles for EMIFA Module
table:
Updated Parameter No. 1, tosu(SELV-AREL) MIN from “RS*E − 1.5” to “RS*E − 1.8”
Updated Parameter No. 8, tosu(SELV-AWEL) MIN from “WS*E − 1.7” to “WS*E − 2.0”
109
External Memory Interface (EMIF), EMIF Electrical Data Timing, Programmable Synchronous Interface Timing section:
Timing Requirements for Programmable Synchronous Interface Cycles for EMIFA Module table:
Updated Parameter No. 7, th(EKOxH-EDV) MIN from “1.5” to “1.8” for −400 and−500 device speeds
Switching Characteristics Over Recommended Operating Conditions for Programmable Synchronous Interface Cycles for
EMIFA Module table:
Updated all delay times MIN for −400, −500 and −600 device speeds from “1.3” to “1.1”
113
External Memory Interface (EMIF), EMIF Electrical Data Timing section, Synchronous DRAM Timing section:
Timing Requirements for Asynchronous Memory Cycles for EMIFA Module table:
Updated Parameter No. 7, th(EKO1H-ARDY) MIN from “2.5” to “2.8” for −400 and −500 device speeds
Updated Parameter No. 7, th(EKO1H-ARDY) MIN from “1.8” to “2.1” for −600 and device speed
127−128 Multichannel Audio Serial Port (McASP) Timing section::
Updated McASP Input and Output Timings figures
140
External Memory Interface (EMIF), McBSP Electrical Data/Timing, Multichannel Buffered Serial Port (McBSP) Timing section:
Switching Characteristics Over Recommended Operating Conditions for McBSP table:
Updated Parameter No. 12, tdis(CKXH-DXHZ)), CLKX ext MIN from “2.0” to “−2.1”
Updated Parameter No. 13, td(CKXH-DXV) CLKX ext MIN from “2.0 + D1” to “−2.1 + D1”
161
Ethernet Media Access (EMAC) Control, EMAC Electrical Data/Timing:
Timing Requirements for EMAC MII Receive 10/100 Mbit/s table:
Deleted paragraph
Switching Characteristics Over Recommended Operating Conditions for EMAC MII Transmit 10/100 Mbit/s table:
Deleted paragraph
168
IEEE 1149.1 JTAG Compatibility Statement section:
Updated/added paragraphs for clarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com