Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM640 Datasheet HTML 1Page - Texas Instruments TMS320DM640 Datasheet HTML 2Page - Texas Instruments TMS320DM640 Datasheet HTML 3Page - Texas Instruments TMS320DM640 Datasheet HTML 4Page - Texas Instruments TMS320DM640 Datasheet HTML 5Page - Texas Instruments TMS320DM640 Datasheet HTML 6Page - Texas Instruments TMS320DM640 Datasheet HTML 7Page - Texas Instruments TMS320DM640 Datasheet HTML 8Page - Texas Instruments TMS320DM640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 179 page
background image
Revision History
3
June 2003 − Revised October 2005
SPRS222E
Revision History
This data sheet revision history highlights the technical changes made to the SPRS222D device-specific data
sheet to make it an SPRS222E revision.
Scope: Applicable updates to the C64x device family, specifically relating to the TMS320DM641/TMS320DM640
devices, have been incorporated.
8−bit TSI Video Port mode now supported.
Added the device-specific information supporting the TMS320DM641/TMS320DM640 silicon revision 2.0, 1.2 and
1.1 devices, which are now in the production data (PD) stage of development.
PAGE(s)
NO.
ADDS/CHANGES/DELETES
44
Terminal Functions table:
Reset, Interrupts, and General−Purpose Input/Output section:
CLKOUT6/GPO[2]: changed “IPD” to “IPU”
CLKOUT4/GPO[1]: changed “IPD” to “IPU”
47
Terminal Functions table:
EMIFA (32−BIT) − ADDRESS section:
Updated the Description for Boot Configuration for AEA22:3 Signal Name from “11 − EMIFA boot” to “11 − EMIFA 8−bit ROM
boot”
66
Device Support, Device and Development-Support Tool Nomenclature:
Updated the TMS320DM64x DSP Device Nomenclature (Including the DM641 and DM640 Devices) figure
69
Device Configurations, Configurations at Reset, Device Configuration at Device Reset section:
Updated the Functional Description for Bootmode [1:0] for AEA22:21 Configuration Pin from “11 − EMIFA boot” to
“11 − EMIFA 8−bit ROM boot”
74
Device Configurations, Device Status Register Description section:
Device Status (DEVSTAT) Register Selection Bit Descriptions table:
Updated Bits 3 and 2 Bootmode1 and Bootmode0 Name Description from “11 − EMIFA boot” to “11 − EMIFA 8−bit ROM
boot”
82
Recommended Operating Conditions:
VOS, Maximum voltage during overshoot row
Deleted −1.0 from MIN
Added VUS, Maximum voltage during undershoot row
85
Parameter Measurement Information section:
Added AC transient rise/fall time specifications and the following figures:
AC Transient Specification Rise Time figure
AC Transient Specification Fall Time figure
104
Clock PLL, Clock PLL Electrical Data/Timing (Input and Output Clocks):
Switching Characteristics Over Recommended Operating Conditions for AECLKOUT2 for the EMIFA Module table:
Updated Parameter No. 5 from “td(EKIH-EKO2L)” to “td(EKIL-EKO2L)”
Updated Parameter No. 5 from “Delay time, AECLKIN high to AECLKOUT2 low” to “Delay time, AECLKIN low to AECLK-
OUT2 low”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com