Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6300ESB Datasheet(PDF) 21 Page - Intel Corporation

Part # 6300ESB
Description  I/O Controller Hub
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6300ESB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 6300ESB Datasheet HTML 17Page - Intel Corporation 6300ESB Datasheet HTML 18Page - Intel Corporation 6300ESB Datasheet HTML 19Page - Intel Corporation 6300ESB Datasheet HTML 20Page - Intel Corporation 6300ESB Datasheet HTML 21Page - Intel Corporation 6300ESB Datasheet HTML 22Page - Intel Corporation 6300ESB Datasheet HTML 23Page - Intel Corporation 6300ESB Datasheet HTML 24Page - Intel Corporation 6300ESB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 848 page
background image
Intel® 6300ESB I/O Controller Hub
November 2007
DS
Order Number: 300641-004US
21
Contents—Intel® 6300ESB ICH
11.1.19Offset 59h: Next Item Pointer #2 ........................................................... 496
11.1.20Offset 5Ah - 5Bh: Debug Port Base Offset................................................ 496
11.1.21Offset 60h: Serial Bus Release Number ................................................... 496
11.1.22Offset 61h: Frame Length Adjustment..................................................... 496
11.1.23Offset 62 - 63h: Port Wake Capability ..................................................... 497
11.1.24Offset 64 - 65h: Classic USB Override ..................................................... 498
11.1.25Offset 68 - 6Bh: USB EHCI Legacy Support Extended Capability ................. 499
11.1.26Offset 6C - 6Fh: USB EHCI Legacy Support Extended Control/Status ........... 500
11.1.27Offset 70 - 73h: Intel Specific USB EHCI SMI ........................................... 501
11.1.28Offset 80h: Access Control .................................................................... 503
11.1.29HS_ Ref_V_USB HS Reference Voltage Register........................................ 503
11.2 Memory-Mapped I/O Registers .......................................................................... 503
11.2.1 Host Controller Capability Registers ........................................................ 504
11.2.1.1 Offset 00h: CAPLENGTH—Capability Registers Length .................. 504
11.2.1.2 Offset 02 - 03h: HCIVERSION—Host Controller Interface Version
Number505
11.2.1.3 Offset 04 - 07h: HCSPARAMS—Host Controller Structural Parameters ..
505
11.2.1.4 Offset 08 - 0Bh: HCCPARAMS—Host Controller Capability Parameters ..
507
11.2.2 Host Controller Operational Registers ...................................................... 508
11.2.2.1 Offset CAPLENGTH + 00 - 03h: USB EHCI CMD—USB
EHCI Command Register.......................................................... 509
11.2.2.2 Offset CAPLENGTH + 04 - 07h: USB EHCI STS—USB EHCI Status . 512
11.2.2.3 Offset CAPLENGTH + 08 - 0Bh: USB EHCI INTR—USB
EHCI Interrupt Enable ............................................................. 514
11.2.2.4 Offset CAPLENGTH + 0C - 0Fh: FRINDEX—Frame Index ............... 514
11.2.2.5 Offset CAPLENGTH + 10 - 13h: CTRLDSSEGMENT—Control Data
Structure Segment Register ..................................................... 515
11.2.2.6 Offset CAPLENGTH + 14 - 17h: PERIODICLISTBASE—Periodic Frame
List Base Address.................................................................... 516
11.2.2.7 Offset CAPLENGTH + 18 - 1Bh: ASYNCLISTADDR—Current
Asynchronous List Address ....................................................... 516
11.2.2.8 Offset CAPLENGTH + 40 - 43h: CONFIGFLAG—Configure Flag Register.
517
11.2.2.9 PORTSC- Port N Status and Control ........................................... 517
11.2.3 USB 2.0-Based Debug Port Register........................................................ 522
11.2.3.1 Offset 00h: Control/Status Register........................................... 522
11.2.3.2 Offset 04h: USB PIDs Register.................................................. 525
11.2.3.3 Offset 08h: Data Buffer Bytes 7:0 ............................................. 525
11.2.3.4 Offset 10h: Config Register ...................................................... 526
12
SMBUS Controller Registers
(D31:F3)527
12.1 PCI Configuration Registers (SMBUS—D31:F3) .................................................... 527
12.1.1 Offset 00 - 01h: VID—Vendor Identification Register (SMBUS—D31:F3)....... 527
12.1.2 Offset 02 - 03h: DID—Device Identification Register (SMBUS—D31:F3) ....... 528
12.1.3 Offset 04 - 05h: CMD—Command Register
(SMBUS—D31:F3) ................................................................................ 528
12.1.4 Offset 06 - 07h: STA—Device Status Register
(SMBUS—D31:F3) ................................................................................ 529
12.1.5 Offset 08h: RID—Revision ID Register (SMBUS—D31:F3) .......................... 529
12.1.6 Offset 09h: PI—Programming Interface (SMBUS—D31:F3)......................... 530
12.1.7 Offset 0Ah: SCC—Sub Class Code Register
(SMBUS—D31:F3) ................................................................................ 530
12.1.8 Offset 0Bh: BCC—Base Class Code Register
(SMBUS—D31:F3) ................................................................................ 530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com