Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6300ESB Datasheet(PDF) 39 Page - Intel Corporation

Part # 6300ESB
Description  I/O Controller Hub
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6300ESB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 6300ESB Datasheet HTML 35Page - Intel Corporation 6300ESB Datasheet HTML 36Page - Intel Corporation 6300ESB Datasheet HTML 37Page - Intel Corporation 6300ESB Datasheet HTML 38Page - Intel Corporation 6300ESB Datasheet HTML 39Page - Intel Corporation 6300ESB Datasheet HTML 40Page - Intel Corporation 6300ESB Datasheet HTML 41Page - Intel Corporation 6300ESB Datasheet HTML 42Page - Intel Corporation 6300ESB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 848 page
background image
Intel® 6300ESB I/O Controller Hub
November 2007
DS
Order Number: 300641-004US
39
Contents—Intel® 6300ESB ICH
324 Offset 02 - 03h: DID—Device ID Register (LPC I/F—D31:F1) ....................................... 436
325 Offset 04h - 05h: CMD—Command Register (IDE—D31:F1) ......................................... 437
326 Offset 06 - 07h: STS—Device Status Register (IDE—D31:F1)....................................... 438
327 Offset 08h: RID—Revision ID Register (IDE—D31:F1) ................................................. 439
328 Offset 09h: PI—Programming Interface (IDE—D31:F1) ............................................... 439
329 Offset 0Ah: SCC—Sub Class Code (IDE—D31:F1) ....................................................... 440
330 Offset 0Bh: BCC—Base Class Code (IDE—D31:F1)...................................................... 441
331 Offset 0Dh: MLT—Master Latency Timer (IDE—D31:F1) .............................................. 441
332 Offset 10h - 13h: PCMD_BAR—Primary Command Block Base Address Register (IDE—D31:F1)
441
333 Offset 14h - 17h: PCNL_BAR—Primary Control Block Base Address Register (IDE—D31:F1) ...
442
334 Offset 18h - 1Bh: SCMD_BAR—Secondary Command Block Base Address Register (IDE
D31:F1)442
335 Offset 1Ch - 1Fh: SCNL_BAR—Secondary Control Block Base Address Register (IDE D31:F1) .
443
336 Offset 20h - 23h: BM_BASE—Bus Master Base Address Register (IDE—D31:F1) ............. 443
337 Offset 24h - 27h: CPBA – IDE Command Posting Base Address .................................... 444
338 Offset 2Ch - 2Dh: IDE_SVID—Subsystem Vendor ID (IDE—D31:F1) ............................. 445
339 Offset 2Eh - 2Fh: IDE_SID—Subsystem ID (IDE—D31:F1)........................................... 446
340 Offset 3Ch: INTR_LN—Interrupt Line Register (IDE—D31:F1) ...................................... 446
341 Offset 3Dh: INTR_PN—Interrupt Pin Register (IDE—D31:F1)........................................ 447
342 IDE_TIM—IDE Timing Register (IDE—D31:F1) ........................................................... 448
343 Offset 44H: SLV_IDETIM—Slave (Drive 1) IDE Timing Register (IDE—D31:F1) ............... 451
344 Offset 48h: SDMA_CNT—Synchronous DMA Control Register (IDE—D31:F1) .................. 452
345 Offset 4A - 4Bh: SDMA_TIM—Synchronous DMA Timing Register (IDE—D31:F1) ............ 453
346 IDE_CONFIG—IDE I/O Configuration Register (IDE—D31:F1)....................................... 455
347 Bus Master IDE I/O Registers .................................................................................. 455
348 BMIC[P,S]—Bus Master IDE Command Register ......................................................... 456
349 BMIS[P,S]—Bus Master IDE Status Register............................................................... 457
350 BMID[P,S]—Bus Master IDE Descriptor Table Pointer Register ...................................... 459
351 PCI Configuration Map (USB—D29:F0/F1) ................................................................. 461
352 Offset 00 - 01h: VID—Vendor Identification Register (USB—D29:F0/F1) ........................ 462
353 Offset 02 - 03h: DID—Device Identification Register (USB—D29:F0/F1) ........................ 462
354 Offset 04 - 05h: CMD—Command Register (USB—D29:F0/F1)...................................... 463
355 Offset 06 - 07h: STA—Device Status Register (USB—D29:F0/F1) ................................. 464
356 Offset 08h: RID—Revision Identification Register (USB—D29:F0/F1)............................. 464
357 Offset 09h: PI—Programming Interface (USB—D29:F0/F1) .......................................... 465
358 Offset 0Ah: SCC—Sub Class Code Register (USB—D29:F0/F1) ..................................... 465
359 Offset 0Bh: BCC—Base Class Code Register (USB—D29:F0/F1) .................................... 465
360 Offset 0Dh: MLT—Master Latency Timer .................................................................... 466
361 Offset 0Eh: HTYPE—Header Type Register (USB—D29:F0/F1) ...................................... 466
362 Offset 20 - 23h: BASE—Base Address Register (USB—D29:F0/F1) ................................ 467
363 Offset 2Ch - 2Dh: SVID—Subsystem Vendor ID (USB—D29:F0/F1).............................. 467
364 Offset 2Eh-2Fh: SID—Subsystem ID (USB—D29:F0/F1) .............................................. 468
365 Offset 3Ch: INTR_LN—Interrupt Line Register (USB—D29:F0/F1) ................................. 468
366 Offset 3Dh: INTR_PN—Interrupt Pin Register (USB—D29:F0/F1) .................................. 469
367 Offset 60h: USB_RELNUM—USB Release Number Register (USB—D29:F0/F1) ................ 469
368 Offset C0 - C1h: USB_LEGKEY—USB Legacy Keyboard/ Mouse Control Register (USB—D29:F0/
F1)470
369 Offset C4h: USB_RES—USB Resume Enable Register (USB—D29:F0/F1) ....................... 472
370 USB I/O Registers .................................................................................................. 473
371 Offset 00 - 01h: USBCMD—USB Command Register.................................................... 474
372 Run/Stop, Debug Bit Interaction SWDBG (Bit 5), Run/Stop (Bit 0) Operation ................. 477
373 Offset 02 - 03h: USBSTA—USB Status Register .......................................................... 478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com