Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A3000-34.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1A3000-34..
Description  Brad® Mini-Change® Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1A3000-34.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1A3000-34.. Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/05/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300170004
Status:
Active
Overview:
Brad® Mini-Change® Connectors
Description:
Mini-Change® Field Attachable, Female Connector, 3 Pole, Cable Range:
5.08-11.43mm Outside Diameter with Internal Threads
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Field Attachable / Accessories
Series
130017
IP Rating
IP67
Overview
Brad® Mini-Change® Connectors
Product Name
Mini-Change®
Type
Field Attachable Connector
UPC
78678875710
Physical
Cable Diameter
5.08-11.43mm (.200-.450")
Coupling Type
Internal Thread
Diagnostics / LEDs
No
Diagnostics Port
No
Gender
Female
Keyway
Single
Material - Connector Body
Nylon
Material - Contact
Copper
Material - Coupling Nut
Nickel-plated Brass
Material - Plating Mating
Gold over Copper
Net Weight
47.000/g
Orientation
Straight
Poles
3
Temperature Range - Operating
-20°C to +80°C
Wire Size AWG
15 to 24
Electrical
Current - Maximum per Contact
13.0A
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
1A3000-34
Reference - Drawing Numbers
Sales Drawing
SD-130017-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
130017 Series
This document was generated on 07/05/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1A3000-34..

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A301 MITEL-1A301 Datasheet
193Kb / 10P
High-Performance LED(Datacom)
logo
List of Unclassifed Man...
1A302 ETC-1A302 Datasheet
46Kb / 2P
High-Performance LED FM Video
More results

Similar Description - 1A3000-34..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300170015 MOLEX2-1300170015 Datasheet
148Kb / 1P
BRAD CONNECTIVITY MINI-CHANGE FIELD-ATTACHABLE
1300660254 MOLEX11-1300660254 Datasheet
30Kb / 1P
Mini-Change Brad Power Receptacle, 4 Poles
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
logo
Arduino
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
logo
Lapp.
52001860 LAPP-52001860 Datasheet
92Kb / 1P
SKINDICHT® MINI NBR
06.06.2023
52001877 LAPP-52001877 Datasheet
96Kb / 1P
SKINDICHT® MINI COLD
06.06.2023
52001889 LAPP-52001889 Datasheet
88Kb / 1P
SKINDICHT® MINI FKM
27.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com