Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-007B Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-RFM-007B
Description  HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-007B Datasheet(HTML) 1 Page - Texas Instruments

  RI-RFM-007B Datasheet HTML 1Page - Texas Instruments RI-RFM-007B Datasheet HTML 2Page - Texas Instruments RI-RFM-007B Datasheet HTML 3Page - Texas Instruments RI-RFM-007B Datasheet HTML 4Page - Texas Instruments RI-RFM-007B Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.ti.com
FEATURES
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
RI-RFM-007
SCBS869 – OCTOBER 1998
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
–
Supports Antenna Cable Lengths Up to 10
Meters (Depending on Antenna Design)
• Common
• Remote Antenna RFM
–
Variable Power Supply Range
–
Supports Antenna Cable Lengths Up to
–
Synchronization Control in Multi-Reader
120 Meters
Arrays
–
Capacitive and Inductive Tuning to
–
High Power Output
Resonance
• Standard RFM
–
Capacitive Tuning to Resonance
The RI-RFM-007B radio frequency power module is capable driving a variety of antennas with inductance
ranges from 26.0
µH to 27.9µH including TI standard antennas RI-ANT-G01E, RI-ANT-G02E, RI-ANT-G04E gate
antennas as well as RI-ANT-S01C and RI-ANT-S02C stick antennas.
The RI-RFM-007B module in combination with a control module is well suited for usage in a broad range of
applications including, but not limited to, access control, vehicle identification, container tracking, asset
management and waste management applications.
over operating free-air temperature range (unless otherwise noted)
RI-RFM-007B
RI-RFM-008B
RI-ACC-008B
UNIT
Operating Temperature
–25 to +70
–25 to +70
–25 to +70
°C
Storage Temperature
–40 to +85
–40 to +85
–40 to +85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-RFM-007B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-003B TI-RI-RFM-003B Datasheet
413Kb / 4P
SERIES 2000 MINI RADIO FREQUENCY MODULE
RI-RFM-003B-00 TI-RI-RFM-003B-00 Datasheet
413Kb / 4P
SERIES 2000 MINI RADIO FREQUENCY MODULE
RI-RFM-006A TI-RI-RFM-006A Datasheet
148Kb / 20P
TIRIS RF-Module IC for Automotive
RI-RFM-006A-00 TI-RI-RFM-006A-00 Datasheet
148Kb / 20P
TIRIS RF-Module IC for Automotive
RI-RFM-008B TI-RI-RFM-008B Datasheet
136Kb / 4P
SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
More results

Similar Description - RI-RFM-007B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-003B TI-RI-RFM-003B Datasheet
413Kb / 4P
SERIES 2000 MINI RADIO FREQUENCY MODULE
logo
SHENZHEN KYL COMMUNICAT...
KYL-600H KYL-KYL-600H Datasheet
49Kb / 3P
High Performance Radio Modem
logo
Fairchild Semiconductor
FDMF6705 FAIRCHILD-FDMF6705 Datasheet
1Mb / 18P
Extra-Small, High- Performance, High-Frequency DrMOS Module
FDMF6705V FAIRCHILD-FDMF6705V Datasheet
1Mb / 18P
Extra-Small, High- Performance, High-Frequency DrMOS Module
FDMF6705B FAIRCHILD-FDMF6705B Datasheet
1Mb / 19P
Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com