Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP18G02DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP18G02DF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP18G02DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP18G02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP18G02DF
20V N+P-Channel Enhancement Mode MOSFET
AP18G02DF REV1.0
永源微電子科技有限公司
Description
The AP18G02DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =18A
RDS(ON) < 18mΩ @ VGS=4.5V (Type:13mΩ)
VDS = -20V ID =-16A
RDS(ON) < 35mΩ @ VGS=-4.5V (Type:25mΩ)
Application
Wireless charging
Brushless motor
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP18G02DF
PDFN3*3-8L
AP18G02DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
±12
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
18
-16
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
15.4
-13.5
A
IDM
Pulsed Drain Current2
54
-48
A
EAS
Single Pulse Avalanche Energy3
120
115
mJ
IAS
Avalanche Current
18
-16
A
PD@TC=25℃
Total Power Dissipation4
36
21.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
10
℃
/W


Similar Part No. - AP18G02DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP18G03DF APME-AP18G03DF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
AP18G04GD APME-AP18G04GD Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP18G02DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW3G02S YFWDIODE-YFW3G02S Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4G02LI YFWDIODE-YFW4G02LI Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G02NF YFWDIODE-YFW25G02NF Datasheet
3Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4606S YFWDIODE-YFW4606S_V01 Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com