Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP18G02DF Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP18G02DF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP18G02DF Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP18G02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP18G02DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP18G02DF
20V N+P-Channel Enhancement Mode MOSFET
AP18G02DF REV1.0
永源微電子科技有限公司
P-Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-20
-23
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.014
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-4.5V , ID=-4.9A
---
25
35
mΩ
VGS=-2.5V , ID=-3.4A
---
33
40
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.5
-0.65
-1.2
V
△VGS(th)
VGS(th) Temperature Coefficient
---
3.95
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-16V , VGS=0V , TJ=25
℃
---
---
-1
uA
VDS=-16V , VGS=0V , TJ=55
℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
---
12.8
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-15V , VGS=-4.5V , ID=-3A
---
10.2
14.3
nC
Qgs
Gate-Source Charge
---
1.89
2.6
Qgd
Gate-Drain Charge
---
3.1
4.3
Td(on)
Turn-On Delay Time
VDD=-10V , VGS=-4.5V ,
RG=3.3Ω, ID=-3A
---
5.6
11.2
ns
Tr
Rise Time
---
40.8
73
Td(off)
Turn-Off Delay Time
---
33.6
67
Tf
Fall Time
---
18
36
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
857
1200
pF
Coss
Output Capacitance
---
114
160
Crss
Reverse Transfer Capacitance
---
108
151
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-4.9
A
ISM
Pulsed Source Current2,4
---
---
-14
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1
V
trr
Reverse Recovery Time
IF=-3A , di/dt=100A/µs ,
TJ=25
℃
---
21.8
---
nS
Qrr
Reverse Recovery Charge
---
6.9
---
nC
Note :
1、The data tested by surface mo
unted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=-16V,VGS=-10V,L=0.1mH,IAS=-21A
4、The power dissipation is limited by 150℃ junction temperature
5 、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com