Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W016 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M27W016
Description  16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W016 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M27W016 Datasheet HTML 13Page - STMicroelectronics M27W016 Datasheet HTML 14Page - STMicroelectronics M27W016 Datasheet HTML 15Page - STMicroelectronics M27W016 Datasheet HTML 16Page - STMicroelectronics M27W016 Datasheet HTML 17Page - STMicroelectronics M27W016 Datasheet HTML 18Page - STMicroelectronics M27W016 Datasheet HTML 19Page - STMicroelectronics M27W016 Datasheet HTML 20Page - STMicroelectronics M27W016 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
M27W016
Table 10. DC Characteristics
Note: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. Average Value.
Symbol
Parameter (1)
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH,
IOUT = 0mA, f = 6MHz
10
mA
ICC2
(2)
Supply Current (Standby)
E = VCC ±0.2V
100
µA
ICC3
Supply Current (Program)
PC active
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7VCC
VCC +0.3
V
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage
IOH = –100µA
VCC –0.4
V
VHH
VPP Program Voltage
11.4
12.6
V
IHH
VPP Current (Program)
PC Active
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com