Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W016 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M27W016
Description  16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W016 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M27W016 Datasheet HTML 18Page - STMicroelectronics M27W016 Datasheet HTML 19Page - STMicroelectronics M27W016 Datasheet HTML 20Page - STMicroelectronics M27W016 Datasheet HTML 21Page - STMicroelectronics M27W016 Datasheet HTML 22Page - STMicroelectronics M27W016 Datasheet HTML 23Page - STMicroelectronics M27W016 Datasheet HTML 24Page - STMicroelectronics M27W016 Datasheet HTML 25Page - STMicroelectronics M27W016 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25/26
M27W016
REVISION HISTORY
Table 18. Document Revision History
Date
Version
Revision Details
28-Jan-2002
1.0
First Issue
15-May-2002
2.0
Output Enable paragraph clarified
Electronic Signature paragraph clarified
Multiple Word Command paragraph clarified (Paragraph rewritten, Table 4, Figure 7)
Status Register Bits table clarified (Table 6)
SO44 package mechanical data and drawing clarified (Figure 14, Table 13)
PLCC44 package removed
Document status changed to Product Preview
17-Jun-2002
3.0
Device classification changed to Fast OTP
Program Phase and Verify Phase paragraphs clarified
Standard Commands table clarified (Table 3)
Multiple Word Program Command table and Flowchart clarified (Table 4, Figure 7)
AC Measurement Load Circuit clarified (Figure 11)
Read AC parameters clarified (Figure 12, Table 11)
Chip Enable Controlled, Write AC parameters clarified (Figure 13, Table 12)
28-Jun-2002
4.0
Document status changed to Preliminary Data
Document title clarified
09-Jul-2002
5.0
100ns speed class added (90ns at VCC = 3.0 to 3.6V)
Product Name changed
31-Jul-2002
5.1
Multiple Word Program Command Table clarified (Table 4)
ICC1, ICC2 clarified (Table 10)
27-Sep-2002
5.2
Product Naming revised
14-Nov-2002
5.3
Document status changed to Datasheet
OTP specification added
SO44 package changed to 500mils body width
Bus Operation table clarified (Table 2)
Read/Reset , Auto Select and Multiple Word Program commands clarified
29-Nov-2002
5.4
90ns speed class obtained from the 100ns at VCC = 3.0 to 3.6V - clarifiication (Table 11
and 12)
20-Feb-2003
5.5
TSOP Connections diagram updated (Figure 6)
05-Mar-2003
5.6
Typing error on page 1 corrected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com