Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L05 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7L05
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L05 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7L05 Datasheet HTML 84Page - STMicroelectronics ST7L05 Datasheet HTML 85Page - STMicroelectronics ST7L05 Datasheet HTML 86Page - STMicroelectronics ST7L05 Datasheet HTML 87Page - STMicroelectronics ST7L05 Datasheet HTML 88Page - STMicroelectronics ST7L05 Datasheet HTML 89Page - STMicroelectronics ST7L05 Datasheet HTML 90Page - STMicroelectronics ST7L05 Datasheet HTML 91Page - STMicroelectronics ST7L05 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
ST7L05, ST7L09
88/104
13.9 CONTROL PIN CHARACTERISTICS
13.9.1 Asynchronous RESET Pin
TA = -40 to +105°C, unless otherwise specified
Notes:
1. Data based on characterization results, not tested in production.
2. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 on page 74 and the
sum of IIO (I/O ports and control pins) must not exceed IVSS.
3. The RON pull-up equivalent resistor is based on a resistive transistor. Specified for voltages on RESET pin between
VILmax and VDD
4. To guarantee the reset of the device, a minimum pulse must be applied to the RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
5. Guaranteed by design, not tested in production
Figure 64. RESET Pin Protection1)
Notes:
1. The reset network protects the device against parasitic resets. The output of the external reset circuit must have an
open-drain output to drive the ST7 reset pad. Otherwise the device can be damaged when the ST7 generates an internal
reset (watchdog).
- Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin can go below
the VIL max. level specified in Section 13.9.1 on page 88. Otherwise the reset will not be taken into account internally.
- Because the reset circuit is designed to allow the internal RESET to be output in the RESET pin, the user must ensure
that the current sunk on the RESET pin is less than the absolute maximum value specified for IINJ(RESET) in Section 13.2.2
on page 74.
2. Please refer to “Illegal Opcode Reset” on page 70 for more details on illegal opcode reset conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VSS -0.3
0.3 x VDD
V
VIH
Input high level voltage
0.7 x VDD
VDD +0.3
Vhys
Schmitt trigger voltage
hysteresis1)
2
VOL
Output low level voltage
VDD =5V
IIO = +5mA
TA ≤ 85°C
TA ≤ 105°C
0.5
1.05)
1.25)
IIO = +2mA
TA ≤ 85°C
TA ≤ 105°C
0.2
0.45)
0.55)
RON
Pull-up equivalent resistor3)1)
VDD = 5V
20
40
80
k
tw(RSTL)ou
t
Generated reset pulse duration
Internal reset sources
30
µs
th(RSTL)in
External reset pulse hold time4)
20
tg(RSTL)in
Filtered glitch duration
200
ns
0.01µF
EXTERNAL
RESET
CIRCUIT
USER
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
WATCHDOG
ILLEGAL OPCODE2)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com