Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L05 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7L05
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L05 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7L05 Datasheet HTML 95Page - STMicroelectronics ST7L05 Datasheet HTML 96Page - STMicroelectronics ST7L05 Datasheet HTML 97Page - STMicroelectronics ST7L05 Datasheet HTML 98Page - STMicroelectronics ST7L05 Datasheet HTML 99Page - STMicroelectronics ST7L05 Datasheet HTML 100Page - STMicroelectronics ST7L05 Datasheet HTML 101Page - STMicroelectronics ST7L05 Datasheet HTML 102Page - STMicroelectronics ST7L05 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
ST7L05, ST7L09
99/104
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
Figure 74. FASTROM Commercial Product Code Structure
Table 25. FASTROM Factory Coded Device Types
Part Number
Program Memory
(Bytes)
Data EEPROM
(Bytes)
RAM (Bytes)
Temp. Range
Package
ST7PL05Y0MA
1.5K FASTROM
-
128
-40 to +85°C
SO16
ST7PL09Y0MA
128
ST7PL05Y0MB
-
-40 to +105°C
ST7PL09Y0MB
128
DEVICE
PACKAGE
XXX R E
E2DATA PINOUT PROG MEM
E = Leadfree (
ECOPACK
™ option)
Conditioning options:
R = Tape and Reel (left blank if Tube)
Code name
(defined by STMicrolectronics)
Not present if Tape and Reel
A = -40 to 85°C
B = -40 to 105°C
M = Plastic Small Outline
0 = 1.5 Kbytes
Y = 16 pins
5= No E2 data
9 = E2 data (128 bytes)
ST7PL0
/
VERSION
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com