Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003EV Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP3003EV
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003EV Datasheet(HTML) 1 Page - Eorex Corporation

  EP3003EV Datasheet HTML 1Page - Eorex Corporation EP3003EV Datasheet HTML 2Page - Eorex Corporation EP3003EV Datasheet HTML 3Page - Eorex Corporation EP3003EV Datasheet HTML 4Page - Eorex Corporation EP3003EV Datasheet HTML 5Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EP3003 Evaluation Board Manual
Rev.01
1/5
DESCRIPTION
This manual aims to illustrate how to use the EP3003 Evaluation Board (“EP3003 EVB”).
The EP3003 EVB is a Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator featuring the
EP3003. The EP3003 EVB has an input voltage range of 2.5V to 5.5V, and either output is capable of
delivering up to 600mA of output current. In Burst Mode operation, the EP3003 requires only 50 uA of
quiescent current, and the EP3003 EVB provides higher efficiency at light load currents. In Pulse Skip
mode, the EP3003 EVB provides lower output ripple voltage at light load currents. In either mode, the
EP3003 EVB can provide up to 96% efficiency on either channel and consumes less than 1uA in
shutdown. The EP3003 comes in a small 10-Pin MS10E package, which has an exposed pad on the
bottom-side of the IC for better thermal performance. These features, plus the nominal operating
frequency of 1.5MHz (allowing the exclusive use of low profile surface mount components), make the
EP3003 EVB an ideal circuit for use in battery-powered, hand-held applications.
This manual includes Quick Start for using the EP3003 EVB, Demonstration Circuit, PCB Layout and Bill
of Material for the EP3003 EVB.
QUICK START
Demonstration circuit EP3003 EVB is easy to set up to evaluate the performance of the EP3003. Refer to
Figure 1 for proper measurement equipment setup and follow the procedure below:
1. Connect the input power supply to the V
IN
and GND terminals on the up-side of the board. Do not
hot-plug V
IN
or increase V
IN
over the rated maximum supply voltage of 5.5V, or the part may be damaged.
Connect the loads between the V
OUT
and GND terminals on the right-side and left –side of the board.
Refer to figure 1 for the proper measurement equipment setup.
2. Before proceeding to operation, jumper JP1 into the VOUT1 voltage position of choice (2.5V, 2.8V, and
3.3V), and JP2 into the VOUT2 voltage position of choice (1.2V, 1.5V, and 1.8V),and jumper JP3 into the
desired mode of operation: Pulse Skip or Burst Mode.
3. Apply 3.3V at V
IN
. Measure both V
OUTS
; they should read 0V. If desired, one can measure the
shutdown supply current at this point. The supply current will be approximately 33 uA in shutdown, with
roughly 32 uA due to the optional 100k• pull-up resistor of the Power-On Reset (POR) feature. This
resistor can be removed, and the actual shutdown supply current can be measured, if the POR feature is
not required.
4. Turn on VOUT1 and VOUT2 by changing jumpers JP1 and JP2 of choice voltages. Vary the input voltage
from 2.5V to 5.5V and adjust each load current from 0 to 600mA. Both output voltages should be
regulating.
5. Set the load current of both outputs between 200 mA and 600 mA, and measure both output ripple
voltages; they should measure less than 20 mVAC each. Also, observe the voltage waveform at the
switch node (pin 3) of each regulator.
The switching frequencies should be between 1.2 MHz and 1.8
MHz (T = 0.833 us and 0.555 us), and each switch node waveform should be rectangular in shape.


Similar Part No. - EP3003EV

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3003 EOREX-EP3003 Datasheet
365Kb / 12P
2-CH, 600mA Synchronous Step-down Converter
EP3003 EOREX-EP3003_15 Datasheet
683Kb / 13P
2-CH, 600mA Synchronous Step-down Converter
More results

Similar Description - EP3003EV

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com