Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003EV Datasheet(PDF) 5 Page - Eorex Corporation

Part # EP3003EV
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003EV Datasheet(HTML) 5 Page - Eorex Corporation

  EP3003EV Datasheet HTML 1Page - Eorex Corporation EP3003EV Datasheet HTML 2Page - Eorex Corporation EP3003EV Datasheet HTML 3Page - Eorex Corporation EP3003EV Datasheet HTML 4Page - Eorex Corporation EP3003EV Datasheet HTML 5Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EP3003 Evaluation Board Manual
Rev.01
5/5
BILL OF MATERIAL
Item
Qty
Ref.
Part Description
Manufacture/Part No.
Note
1
1
U1
IC,EP3003,DFN-10
EP3003
2
2
L1,
L2
POWER
INDUCTOR
2.2UH 1.75A SMD
C4-K1.8L
3
3
C1,
C2,
C3
10uF, 106P Y5 10V
SMD 1206
4
2
C4,
C5
22pF, 22P±10 16V
SMD 0603
5
1
R1
100K± 5%
AAC
6
1
R2-0
100K± 5%
AAC
7
1
R2-1
150K± 5%
AAC
8
1
R2-2
200K± 5%
AAC
9
1
R3
150K± 5%
AAC
10
1
R4-1
750K± 5%
AAC
11
1
R4-2
910K± 5%
AAC
12
1
R4-3
1100K± 5%
AAC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com