Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1147000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1147000000
Description  SL 5.08HC/14/180G 3.2SN OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1147000000 Datasheet(HTML) 2 Page - Weidmuller

  1147000000 Datasheet HTML 1Page - Weidmuller 1147000000 Datasheet HTML 2Page - Weidmuller 1147000000 Datasheet HTML 3Page - Weidmuller 1147000000 Datasheet HTML 4Page - Weidmuller 1147000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
SL 5.08HC/14/180G 3.2SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (cURus)
E60693
 
Dimensions and weights
 
Depth
8.43 mm
Depth (inches)
0.3319 inch
Height
15.2 mm
Height (inches)
0.5984 inch
Height of lowest version
12 mm
Width
74.32 mm
Width (inches)
2.926 inch
Net weight
5.5 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
Product Carbon Footprint
Cradle to gate
0,062 kg CO2 eq.
 
System specifications
 
Product family
OMNIMATE Signal - series
BL/SL 5.08
Type of connection
Board connection
Mounting onto the PCB
THT solder connection
Pitch in mm (P)
5.08 mm
Pitch in inches (P)
0.200 "
Outgoing elbow
180°
Number of poles
14
Number of solder pins per pole
1
Solder pin length (l)
3.2 mm
Solder pin length tolerance
+0.1 / -0.3 mm
Solder pin dimensions
d = 1.2 mm, Octagonal
Solder pin dimensions = d tolerance
0 / -0,03 mm
Solder eyelet hole diameter (D)
1.5 mm
Solder eyelet hole diameter tolerance (D)+ 0,1 mm
L1 in mm
66.04 mm
L1 in inches
2.600 "
Number of rows
1
Pin series quantity
1
Touch-safe protection acc. to DIN VDE
57 106
finger-safe unplugged/
back-of-hand-safe plugged
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10
unplugged
Protection degree
IP20
Volume resistance
≤5 mΩ
Can be coded
Yes
Plugging cycles
25
Plugging force/pole, max.
10 N
Pulling force/pole, max.
7.5 N
 
Material data
 
Insulating material
PA GF
Colour
orange
Colour chart (similar)
RAL 2000
Insulating material group
II
Comparative Tracking Index (CTI)
≤ 600
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Cu-alloy
Contact surface
tinned
Layer structure of solder connection
1...3 µm Ni / 2...4 µm Sn
matt
Layer structure of plug contact
1...3 µm Ni / 2...4 µm Sn
matt
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
100 °C
Temperature range, installation, min.
-25 °C
Temperature range, installation, max.
100 °C
 
 
Creation date 27.02.2026 10:33:41 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com